ipl1?120?01?l?d?ra?k ipl1?105?02?l?d?k ipl1?110?01?l?s?k mates with discrete wire cable assemblies (ipd1 & mmsd series) align & latch? surface mount, right angle and vertical through-hole (2,54mm) .100" pitch keyed polarization www.samtec.com mates with: mmsd, mmss, scr2 (does not mate with ips1) for complete speci cations and recommended pcb layouts see www.samtec.com?ipl1 insulator material: black lcp terminal material: phosphor bronze plating: sn or au over 50? (1,27?) ni operating temp range: -55? to +125? voltage rating: 675 vac rohs compliant: ye s processing: max processing temp: 230? for 60 seconds, or 260? for 20 seconds 3x lead?free solderable: ye s ?s & ?d smt lead coplanarity: (0,10mm) .004" max (02-05) (0,13mm) .005" max (06-10) (0,15mm) .006" max (11-25) ?dh smt lead coplanarity: (0,254mm) .010" max note: some sizes, styles and options are non-standard, non-returnable. ipl1 no. pins per row plating option 02, 05, 10, 15, 16, 20, 25 (call samtec for other sizes) 1k ?01 = through- hole ?02 = surface mount f-209-2 option lead style mini mate ? header ipl1 series application specific options with or without plug polarization. call samtec. ?l = 10" (0,25m) gold on contact, matte tin on tail ?ra =right angle (?01 lead style only) ?k =keyed polarization ?s = single row vertical ?sh = single row horizontal ?d = double row vertical ?dh = double row horizontal row option ambient temp 20c 40c 60c 75c 95c current rating scp2/scr2/ ipl1 5a 4.2a 3.5a 2.8a n/a 6 positions (2x3) 20 awg powered mmsd/ipl1 7.4a 6.5a 5.9a n/a 3.8a specifications note: other gold plating options available. contact samtec. no. of positions x (2,54) .100 + (1,52) .060 (5,46) .215 (1,02) .040 (8,13) .320 (2,54) .100 01 01 02 02 (3,05) .120 (5,46) .215 (0,64) .025 sq (9,58) .377 (6,35) .250 (7,62) .300 (8,76) .345 (8,76) .345 (11,23) .442 (2,54) .100 (2,16) .085 (1,52) .060 (5,49) .216 (5,08) .200 25 25 (3,05) .120 (5,46) .215 (7,04) .277 (2,54) .100 (2,54) .100 ?02 ?01 ?02 ?sh ?dh ?s ?ra 278
|